Part Number Hot Search : 
A1645 AG68NGSN SA594N PT2258L 021006P RM155 AD160 WM9001
Product Description
Full Text Search
 

To Download K315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN1005B
www..com
N-Channel Junction Silicon FET
2SK315
FM Tuner Applications
Features
* Ideal for FM tuners in radios, stereos, etc. * Because it is compactly packaged, sets can be made compact. * Small Crss (Crss=0.08pF typ). * High yfs (yfs=12.0ms typ).
Package Dimensions
unit:mm 2040A
[2SK315]
4.0 2.2
0.4 0.5
0.6
0.4
1.8 15.0
3.0
0.4
12 1.3
3 1.3
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Gate-to-Drain Voltage Gate Current Drain Current Allowable Power Dissipation Junction Temperature Storage Temperature Symbol VGDO IG ID PD Tj Tstg Conditions
3.0 3.8nom
1 : Drain 2 : Source 3 : Gate SANYO : SPA
0.7
0.7
Ratings -20 10 20 200 125 -55 to +125
Unit V mA mA mW
C C
Electrical Characteristics at Ta = 25C
Parameter Gate-to-Drain Breakdown Voltage Gate-to-Source Leakage Current Zero-Gate Voltage Drain Current Cutoff Voltage Forward Transfer Admittance Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol V(BR)GDO IG=-10A IGSS IDSS* VGS(off) | yfs |1 | yfs |2 Ciss Coss Crss VGS=-0.5V, VDS=0V VDS=5V, VGS=0V VDS=5V, ID=10A VDS=5V, VGS=0V, f=1kHz VDS=5V, VGS=0V, f=100MHz VDS=5V, VGS=0V, f=1MHz VDS=5V, VGS=0V, f=1MHz VDS=5V, VGS=0V, f=1MHz 2.5* 6.0 6.0 12.0 12.0 8.0 6.5 0.08 0.3 Conditions Ratings min -20 -10 24.0* -3.5 typ max Unit V nA mA V ms ms pF pF pF
* : The 2SK315 is classified as follows by IDSS (unit : mA) :
2.5 E 6.0 5.0 F 12.0 10.0 F 24.0
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
42099TH (KT)/6017KI/3145KI No.1005-1/5
2SK315
www..com Continued from preceding page.
Parameter Power Gain Noise Figure Symbol PG NF Conditions VDS=5V, VGS=0V, f=100MHz, Refer to specified Test Circuit VDS=5V, VGS=0V, f=100MHz, See specified Test Circuit Ratings 23 2.2 4.0 Unit dB dB
No.1005-2/5
2SK315
www..com
No.1005-3/5
2SK315
www..com
No.1005-4/5
2SK315
www..com
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of April, 1999. Specifications and information herein are subject to change without notice.
PS No.1005-5/5


▲Up To Search▲   

 
Price & Availability of K315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X